PART |
Description |
Maker |
HIP6211 HIP6211-15UZ HIP6211-15VZ HIP6211-18UZ HIP |
Dual Low Noise LDO in 3mm×3mm MLF?/a> Dual Low Noise LDO in 3mm?3mm MLF??/a> Dual Low Noise LDO in 3mm隆驴3mm MLF垄芒 Dual Low Noise LDO in 3mm】3mm MLF⑩
|
List of Unclassifed Manufacturers ETC
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MIC5252 MIC5252-1.8BM5 MIC5252-2.5BM5 MIC5252-2.85 |
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, DSO6 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 300 kHz 14-HTSSOP -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
ISL9011AIRKNZ-T ISL9011AIRKCZ-T ISL9011AIRKJZ-T IS |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ENC102D-10A ENC112D-10A ENC820D-10A ENC220D-10B EN |
±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN STD MOV Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手
|
Central Semiconductor, Corp.
|
MAX8882EUTQ5-T MAX8882EUTJ5 MAX8882EUTJ5T |
Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
Maxim Integrated Products, Inc.
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
RP150K003A RP150K003B RP150K011A RP150K011B RP150K |
LOW NOISE Dual 300mA LDO
|
RICOH electronics devices division RICOH electronics devic...
|
ISL9011AIRMGZ ISL9011AIRFCZ ISL9011AIRCCZ ISL9011A |
Dual LDO with Low Noise, Low IQ and High PSRR
|
Intersil Corporation
|
ISL9011A ISL9011AIRBBZ ISL9011AIRBCZ ISL9011AIRBJZ |
Dual LDO with Low Noise, Low IQ, and High PSRR
|
INTERSIL[Intersil Corporation]
|
ISL900006 ISL9000IRNNZ ISL9000IRPPZ ISL9000 ISL900 |
Dual LDO with Low Noise, Very High PSRR, and Low IQ
|
INTERSIL[Intersil Corporation]
|
ISL9000AIRFCZ ISL9000AIRFDZ ISL9000AIRFJZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Renesas Electronics Corporation
|